Part Number Hot Search : 
SMBJ30A DMC402 VA2ARF 100AXC 91930 DM631 166BG STLC8201
Product Description
Full Text Search
 

To Download L99-345-XXX-DB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data sheet multimag 15 cable assembly (angled) l99-345-xxx rosenberger hochfrequenztechnik gmbh & co. kg p.o.box 1260 d-84526 tittmoning germany www.rosenberger.de tel. : +49 8684 18-0 email : info@rosenberger.de page 1 / 4 rf_35/09.14/6.2 dieses dokument ist urheberrechtlich geschtzt this document is protected by copyright rosenberger hochfrequenztechnik gmbh & co. kg *) stretched length all dimensions are in mm; tolerances according to i so 2768 m-h general information multimag 15 cable assembly consisting of break-off plug with iron cores coding mechanical number and type of contacts 15 spring-loaded contac ts cable outlet angled bend protection cable second side open available versions type length a [mm] l99-345-3000 3000 +60/-10
technical data sheet multimag 15 cable assembly (angled) l99-345-xxx rosenberger hochfrequenztechnik gmbh & co. kg p.o.box 1260 d-84526 tittmoning germany www.rosenberger.de tel. : +49 8684 18-0 email : info@rosenberger.de page 2 / 4 dieses dokument ist urheberrechtlich geschtzt this document is protected by copyright rosenberger hochfrequenztechnik gmbh & co. kg rf_35/09.14/6.2 technical data break-off plug all dimensions are in mm; tolerances according to i so 2768 m-h the pin assignment corresponds to the coding of the connector. different assignments can cause malfunc tion or damage. interface mating with multimag 15 receptacle
technical data sheet multimag 15 cable assembly (angled) l99-345-xxx rosenberger hochfrequenztechnik gmbh & co. kg p.o.box 1260 d-84526 tittmoning germany www.rosenberger.de tel. : +49 8684 18-0 email : info@rosenberger.de page 3 / 4 dieses dokument ist urheberrechtlich geschtzt this document is protected by copyright rosenberger hochfrequenztechnik gmbh & co. kg rf_35/09.14/6.2 material and plating break-off plug connector parts material plating / color housing insert pbt white, similar ral 9003 housing parts 1 and 2 pc white, similar ral 9003 iron core s235 bend protection tpe white, similar ral 9003 spring loaded contacts material plating / color piston brass aurodur?, gold plated ferrule brass aurodur?, gold plated spring spring steel wire cable wire 6x stranded bare copper wire 26 awg, ? 0.48 mm with pvc insulation ? 0.9 mm shielded pair 4x stranded bare copper wire 26 awg, ? 0.48 mm with pe insulation ? 1.0 mm plastic tape overlapped alulaminate foil overlapped drain wire 1x stranded tinned copper wire 28 awg jacket pur, similar ral 9010 ? 6.8 0.2 mm flammability rating connector parts category housing insert uncolored raw material acc. to ul94 v-0* housing parts 1 and 2 uncolored raw material acc. t o ul94 hb* bend protection uncolored raw material acc. to ul94 hb* cable ul-style 21814 (80 c/30 v) *please note that a non ul rated color batch is add ed
technical data sheet multimag 15 cable assembly (angled) l99-345-xxx rosenberger hochfrequenztechnik gmbh & co. kg p.o.box 1260 d-84526 tittmoning germany www.rosenberger.de tel. : +49 8684 18-0 email : info@rosenberger.de page 4 / 4 dieses dokument ist urheberrechtlich geschtzt this document is protected by copyright rosenberger hochfrequenztechnik gmbh & co. kg rf_35/09.14/6.2 electrical data operating voltage 12 v operating current max. 4.5 a max. 1.5 a per contact contact resistance typically 60 m ? impedance ~ 100 ? differential pairs mechanical data mating cycles without load min. 10.000 mating cycles under load min. 1.000 minimum bending radius static: 28 mm, multiple: 56 mm environmental data temperature range -25 c to +65 c chemical resistance isopropanol 70 % compliance rohs compliant packing standard 1 pc in plastic bag, 10 bags in box weight l99-345-3000 average ~ 173 g/pc draft date approved date rev. engineering change n umber name date h. wurm 19.04.13 t. scheuerlein 09.06.17 a00 17-s1 79 m. sch?nsmaul 09.06.17 while the information has been carefully compiled t o the best of our knowledge, nothing is intended as representation or warr anty on our part and no statement herein shall be construed as recommend ation to infringe existing patents. in the effort t o improve our products, we reserve the right to make changes judg ed to be necessary.


▲Up To Search▲   

 
Price & Availability of L99-345-XXX-DB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X